PART |
Description |
Maker |
KRF7805Z |
Continuous Drain Current, VGS 10V, Ta = 25 A Pulsed Drain Current IDM 120 A
|
TY Semiconductor Co., Ltd
|
PNP3055E |
PowerMOS transistor. Drain-source voltage 60 V. Drain current(DC) 12 A.
|
Philips
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
AP1623SLA AP1623 AP1623S AP1623SA AP1623SL |
Diodes, Zener; Zener Voltage Typ, Vz:12V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:41-MiniDIP; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Peak Reflow Compatible (260 C):Yes JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-40V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:10mA; Gate-Source Cutoff Voltage Max, Vgs(off):-2.5V PWM Control Step-Down Switching Regulator-Converter
|
ETC ANACHIP[Anachip Corp]
|
2SK1010 |
Drain Current ?ID=6A@ TC=25C
|
Inchange Semiconductor ...
|
2SK845 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1612 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK934 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK987 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK752 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2N80 |
Drain Current ID= 2.4A@ TC=25C
|
Inchange Semiconductor ...
|